Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP4555 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FXLP4555
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555 Datasheet(HTML) 2 Page - ON Semiconductor

  FXLP4555 Datasheet HTML 1Page - ON Semiconductor FXLP4555 Datasheet HTML 2Page - ON Semiconductor FXLP4555 Datasheet HTML 3Page - ON Semiconductor FXLP4555 Datasheet HTML 4Page - ON Semiconductor FXLP4555 Datasheet HTML 5Page - ON Semiconductor FXLP4555 Datasheet HTML 6Page - ON Semiconductor FXLP4555 Datasheet HTML 7Page - ON Semiconductor FXLP4555 Datasheet HTML 8Page - ON Semiconductor FXLP4555 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
May 2011
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
FXLP4555
1.8V / 3.0V SIM Card Power Supply and Level Shifter
Features
Supports 1.8V or 3.0V SIM Cards
LDO Supplies >50mA Under 1.8V and 3.0V
Built-in Pull-up Resistor for I/O Pin in Both
Directions
ESD Protection: 8kV (Human Body Model,
According to ISO-7816 Specifications)
Supports Clock  5MHz
Supports “Clock Stop” Power Management per
ISO7816-3 Specifications
Low-Profile 3x3mm MLP-16 Package
Applications
SIM Card Interface Circuit for 2G, 2.5G, and 3G
Mobile Phones
Identification Module
Smart Card Readers
Wireless PC Cards
Description
The FXLP4555 is a level-shifter analog circuit designed
to translate the voltages between a SIM card and an
external
baseband.
A
built-in
LDO-type
DC-DC
converter allows the FXLP4555 to drive 1.8V and 3.0V
SIM cards. The device fulfills the ISO7816-3 smart-card
interface standard as well as GSM 11.11 (11.12 and
11.18) and 3G mobile requirements (IMT-2000/3G UICC
standard). The EN pin enables a low-current Shutdown
Mode that extends battery life. The card power supply
voltage (VCC_C) is selected using a single pin (VSEL).
Ordering Information
Part Number
Operating
Temperature Range
Top
Mark
Package
Packing Method
FXLP4555MPX
-40 to +85°C
FXLP
4555
16-Lead,MLP,Quad,JEDEC
MO-220,3MM Square
3000 Units
on Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com