Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA08070 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA08070
Description  SAW Resonator 1090.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA08070 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA08070 Datasheet HTML 1Page - Golledge Electronics Ltd MA08070 Datasheet HTML 2Page - Golledge Electronics Ltd MA08070 Datasheet HTML 3Page - Golledge Electronics Ltd MA08070 Datasheet HTML 4Page - Golledge Electronics Ltd MA08070 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTERr
Somerset,TA19 9DQ, UK
SAW Resonator 1090.0MHz
Model: TD0116A
Part No: MA08070
REV. NO.: 3
TD0116A v3
1
A. FEATURES:
1. 2-Port Resonator.
B. MAXIMUM RATING:
1. Input Power Level: 3 dBm
2. DC voltage: 12 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA=25°C
Characteristic
Units
Minimum
Typical
Maximum
Center frequency Fr
MHz
1089.800
1090
1090.200
Insertion Loss IL
dB
-
10
12.5
Unloaded Quality factor
-
4700
-
Ageing of Fc
ppm
-
-
10/year
Equivalent Elements
Motional capacitance C1
fF
-
0.18
-
Motional inductance L1
μH
-
114
-
Motional resistance R1
Ohm
-
178
-
Parallel capacitance Co
pF
-
1.5
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3.8X3.8X1.4mm
D. EQUIVALENT CIRCUIT:
Two-Port Resonator:
PinB
PinA,C
PinE
PinD,F
R1
L1
C1
Co
Co


Similar Part No. - MA08070

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08014 GOLLEDGE-MA08014 Datasheet
377Kb / 5P
SAW Filter 1216MHz
MA08024 GOLLEDGE-MA08024 Datasheet
172Kb / 4P
SAW Filter 326.40MHz
MA08030 GOLLEDGE-MA08030 Datasheet
250Kb / 5P
SAW Filter 246.0MHz
MA08038 GOLLEDGE-MA08038 Datasheet
90Kb / 6P
SAW Filter 821.5MHz
MA08039 GOLLEDGE-MA08039 Datasheet
122Kb / 5P
SAW Filter 776.50MHz
More results

Similar Description - MA08070

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
Golledge Electronics Lt...
MA05497 GOLLEDGE-MA05497 Datasheet
149Kb / 5P
SAW Filter 1090.0MHz
MA09528 GOLLEDGE-MA09528 Datasheet
136Kb / 5P
SAW Filter 1090.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com