Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0506A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD0506A
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506A Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD0506A Datasheet HTML 1Page - Diodes Incorporated DGD0506A Datasheet HTML 2Page - Diodes Incorporated DGD0506A Datasheet HTML 3Page - Diodes Incorporated DGD0506A Datasheet HTML 4Page - Diodes Incorporated DGD0506A Datasheet HTML 5Page - Diodes Incorporated DGD0506A Datasheet HTML 6Page - Diodes Incorporated DGD0506A Datasheet HTML 7Page - Diodes Incorporated DGD0506A Datasheet HTML 8Page - Diodes Incorporated DGD0506A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DGD0506A
Document number: D40295 Rev. 3 - 2
2 of 13
www.diodes.com
May 2018
© Diodes Incorporated
DGD0506A
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD0506AFN-7
DGD0506A
7
8
3,000
DGD0506AM10-13
DGD0506A
13
12
2,500
Note:
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Low-Side and Logic Supply
2
VB
High-Side Floating Supply
3
HO
High-Side Gate Drive Output
4
VS
High-Side Floating Supply Return
5
NC
No Connect (No Internal Connection)
6
DT
Deadtime Control
7
EN
Logic Input Enable, a Logic Low turns off Gate Driver
8
IN
Logic Input for High-Side and Low-Side Gate Driver Outputs (HO and LO), in Phase with HO
9
COM
Low-Side and Logic Return
10
LO
Low-Side Gate Drive Output
PAD
Substrate
Connect to COM on PCB
YYWW
DGD0506A
DGD0506A = Product Type Marking Code
YY = Year (ex: 18 = 2018)
WW = Week (01 to 53)
DGD0506A
W-DFN3030-10 (Type TH)
MSOP-10
Top View: W-DFN3030-10 (Type TH)
Top View: MSOP-10
= Manufacturer’s Marking
DGD0506A = Product Type Marking Code
Y = Year: 0 to 9
W = Week: A
– Z : 1 – 26 week
a
– z : 27 – 52 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com