Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2003 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2003
Description  HALF-BRIDGE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2003 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2003 Datasheet HTML 1Page - Diodes Incorporated DGD2003 Datasheet HTML 2Page - Diodes Incorporated DGD2003 Datasheet HTML 3Page - Diodes Incorporated DGD2003 Datasheet HTML 4Page - Diodes Incorporated DGD2003 Datasheet HTML 5Page - Diodes Incorporated DGD2003 Datasheet HTML 6Page - Diodes Incorporated DGD2003 Datasheet HTML 7Page - Diodes Incorporated DGD2003 Datasheet HTML 8Page - Diodes Incorporated DGD2003 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2003
Document Number DS38690 Rev. 2 - 2
1 of 11
www.diodes.com
February 2019
© Diodes Incorporated
DGD2003
HALF-BRIDGE GATE DRIVER IN SO-8
Description
The DGD2003 is a high-voltage / high-speed gate driver capable of
driving N-channel MOSFETs in a half-bridge configuration. High
voltage processing techniques enable the DGD2003
’s high side to
switch to 200V in a bootstrap operation.
The DGD2003 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver output features high pulse current buffers
designed for minimum driver cross conduction. The DGD2003 has a
fixed internal deadtime of 420ns (typical).
The DGD2003 is offered in the SO-8 package and operates over an
extended -40°C to +125°C temperature range.
Applications
Battery Power Tools and Appliances
Light Electric Vehicles (LEV)
Inverters
Features
Floating High-Side Driver in Bootstrap Operation to 200V
Drives Two N-Channel MOSFETs in a Half-Bridge Configuration
290mA Source/600mA Sink Output Current Capability
Outputs Tolerant to Negative Transients
Internal Dead Time of 420ns to Protect MOSFETs
Wide Low Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (HIN and LIN*) 3.3V Capability
Schmitt Triggered Logic Inputs
Undervoltage Lockout for High-Side and Low-Side Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2003S8-13
DGD2003
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SO-8
Top View
DGD2003
YY WW
= Manufacturer’s Marking
DGD2003 = Product Type Marking Code
YY = Year (ex: 19 = 2019)
WW = Week (01 to 53)
Typical Configuration


Similar Part No. - DGD2003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
741Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 November 2019
DGD2003S8-13 DIODES-DGD2003S8-13 Datasheet
741Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 November 2019
DGD2003 DIODES-DGD2003_V01 Datasheet
741Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 3 - 2 November 2019
More results

Similar Description - DGD2003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
Half-bridge gate driver
18-Mar-2008
logo
Fairchild Semiconductor
FAN7080 FAIRCHILD-FAN7080 Datasheet
314Kb / 17P
Half Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com