Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66207 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66207
Description  OLMS-66K Series 16-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66207 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66207 Datasheet HTML 9Page - OKI electronic componets MSM66207 Datasheet HTML 10Page - OKI electronic componets MSM66207 Datasheet HTML 11Page - OKI electronic componets MSM66207 Datasheet HTML 12Page - OKI electronic componets MSM66207 Datasheet HTML 13Page - OKI electronic componets MSM66207 Datasheet HTML 14Page - OKI electronic componets MSM66207 Datasheet HTML 15Page - OKI electronic componets MSM66207 Datasheet HTML 16Page - OKI electronic componets MSM66207 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
¡ Semiconductor
MSM66201/66P201/66207/66P207
ADDRESSING MODES
The MSM66201/66207 provides independent 64K-byte data and 64K-byte program space with
various types of addressing modes. These modes are shown below, for both RAM (for data space)
and ROM (for program space).
1. RAM Addressing Modes (for data space)
1.1
Register Direct Addressing
ROR
DP
DP
Example
1.2
Displacement Addressing
a) Zero Page
18H
SFR
0000H
0018H
L
A,
Example
b) Direct Page
off 10H
RAM
xx00H
xx10H
ST
A,
Example
1.3
Pointing Register (PR) Indirect Addressing
a) Data Point (DP) Indirect
RAM
[DP]
SLL
DP
Example
b) User Stack Pointer (USP) Indirect
RAM
[USP]
–128 to +127
USP
SRL 10H
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com