Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6636 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6636
Description  SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6636 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6636 Datasheet HTML 3Page - OKI electronic componets MSM6636 Datasheet HTML 4Page - OKI electronic componets MSM6636 Datasheet HTML 5Page - OKI electronic componets MSM6636 Datasheet HTML 6Page - OKI electronic componets MSM6636 Datasheet HTML 7Page - OKI electronic componets MSM6636 Datasheet HTML 8Page - OKI electronic componets MSM6636 Datasheet HTML 9Page - OKI electronic componets MSM6636 Datasheet HTML 10Page - OKI electronic componets MSM6636 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
¡ Semiconductor
MSM6636
CPU Serial Interface Timing
m
Clock synchronous Serial
OSCO (source oscillation) Pulse Cycle
tø
62
500
ns
Parameter
Symbol
Min
Typ
Max
Unit
SCLK-L Interval Width
tCKLW
8tø
—
ns
SCLK-H Interval Width
tCKHW
8tø
—
ns
SCLK ≠ - RXD Setup Time
tSRS
4tø
—
ns
SCLK ≠ - RXD Hold Time
tSRH
4tø
—
ns
SCLK ≠ - TXD Output Delay Time
tSTD
4tø
6tø + 100
ns
A-D - SCLK ≠ Setup Time
tAS
0—
ns
SCLK ≠ - A-D Hold Time
tAH
8tø
—
ns
SCLK Frame Interval Time *1
tINT1
8tø
—
ns
SCLK Frame Interval Time *2
tINT2
16tø
—
ns
DVDD=AVDD=5V±10%, Ta =-40~+125°C
—
—
—
—
—
—
—
—
—
—
SCLK Frame Interval Time *1
Between “Communication type (WR) and address setting” frame and “WR data” frame.
Between “WR data” frame and “WR data” frame during continuous WR.
SCLK Frame Interval Time *2
Between “Communication type (RD) and address setting” frame and “RD data” frame.
Between “RD data” frame and “RD data” frame during continuous RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com