Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3DP Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES3DP
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES3DP Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES3DP Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES3DP Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES3DP Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(TA=25°C unless otherwise noted)
Fig.1-Forward Current Derating Curve
Fig.2- Surge Current Derating Curve
Fig.3- Typical Forward Voltage Characteristic
Fig.4- Typical Reverse Characteristic
0
20
40
60
80
100
120
1
100
0.01
0.1
1
10
10 20 30 40 50 60 70 80 90 100
Case Temperature( °C)
10
Number of Cycles at 60HZ
Reverse Voltage ,VR
(%)
Tj=125
℃
Tj=75
℃
Tj=25
℃
0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Mounted on 8*8mm
copper pads
Forward Voltage ,VF(V)
10
1.0
0.1
0.01
0.6
0.4
1.0
1.2
1.4
0.8
100
1.6
TJ=25℃
Pulse width=300us
1% Duty Cycle
ES3AP-ES3DP
ES3JP
ES3FP-
ES3GP
100
http://www.trr-jx.com
version: 02
ES3AP-ES3JP
Surface Mount Superfast Rectifiers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com