Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES5DP Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES5DP
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES5DP Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES5DP Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES5DP Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES5DP Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ratings at TA = 25°C unless otherwise specified
SMP Molded plastic body
Plated leads solderable per MIL-STD-750,
Method 2026
260℃/10 seconds
Polarity: Cathode line denotes the cathode end
Any
Symbol
ES
5AP ES5BP ES5DP ES5FP ES5GP ES5JP
Units
VRRM
50
100
200
300
400
600
V
VRMS
35
70
140
210
280
420
V
VDC
50
100
200
300
400
600
V
IF(AV)
A
Peak forward surge current,8.3ms
single half-sine-wave,
@TJ = 25°C
IFSM
A
I2t
A2sec
Maximum instantaneous forward
voltage
@ 1A
VF
1.7
V
Trr
nS
@TA =25°C
@TA =125°C
TJ
°C
TSTG
°C
Storage temperature range
- 55 ---- + 150
Operating junction temperature range
- 55 ---- + 150
Maximum reverse recovery time
35
Maximum Reverse current
Rated VR
IR
10
μ A
250
150
Rating for fusing(t<8.3ms)
93.4
0.95
1.3
Characteristic
Peak repetitive reverse voltage
RMS reverse voltage
DC blocking voltage
Maximum average forward output current
5
◆
Low profile package
◆
Ideal for automated placement
◆
Glass passivated chip junction
◆
High forward surge capability
◆
Super fast reverse recovery time
http://www.trr-jx.com
version: 02
ES5AP-ES5JP
Surface Mount Superfast Rectifiers
SMP


Similar Part No. - ES5DP

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
3Mb / 2P
Surface Mount Superfast Rectifiers
logo
Microdiode Semiconducto...
ES5D CHENDA-ES5D Datasheet
561Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5DP

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com