Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AP Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # S8AP
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

S8AP Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  S8AP Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. S8AP Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. S8AP Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig.1-Forward Current Derating Curve
Fig.2- Surge Current Derating Curve
Fig.3- Typical Forward Voltage Characteristic
Fig.4- Typical Reverse Characteristic
0
40
80
120
160
200
240
1
100
0.1
1
10
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90 100
Tj=25
℃
Tj=75
℃
Tj=125
℃
Forward Voltage ,VF(V)
Lead Temperature( °C)
10
Number of Cycles at 60HZ
Reverse Voltage ,VR
(%)
Tj=125
℃
Tj=75
℃
Tj=25
℃
0
1.5
3.0
4.5
6.0
7.5
9.0
0
25
50
75
100
125
150
Mounted on 8*8mm
copper pads
8.0
Surface Mount Standard Rectifiers
S8AP THRU S8MP
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com