Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS Datasheet(PDF) 1 Page - Littelfuse

Part # RLS
Description  Class H ??RLN / RLS series fuses & lkn / lks links
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RLS Datasheet(HTML) 1 Page - Littelfuse

  RLS Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWR-GARD® Fuse Datasheet
© 2012 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 100112
1 of 1
Class H – RlN / Rls seRies fuses & lkN / lks liNks
250/600 VAC • Renewable • 1-600 A
Description
Littelfuse RLN and RLS series renewable fuses have
traditionally been used to provide low cost protection.
However, generally increased levels of available fault current
and the distinct possibility that renewable fuses may be
improperly renewed, have rendered them unsafe. The use of
these fuses in new applications is prohibited by law.
Specifications
Voltage Ratings
AC: 250 V (RLN); 600 V (RLS)
Interrupting Ratings
AC: 10 kA rms symmetrical
Ampere Range
1–600 A
Approvals
Standard 248-6, Class H
UL Listed (File: E81895)
CSA Certified (File: LR29862)
Fuse Links
To order, specify LKN (250V) or LKS (600V) plus
ampere rating.
*RLS only.
†These ampere ratings require two links per fuse.
ampeRe RatiNgs
1
6
20
45
90
175
350†
2
8*
25
50
100
200
400†
3
10
30
60
110
225†
450†
4
12*
35
70
125
250†
500†
5
15
40
80
150
300†
600†
Ordering Information
type
Voltage
Catalog NumbeR
oRdeRiNg NumbeR
FUSE
600
RLS020
0RLS020.T
FUSE
250
RLN020
0RLN020.T
LiNK
600
LKS025
0LKS025.S
LiNK
250
LKN030
0LKN030.S
A
C
C
D
A
E
B
B
FD
G
FIG. 1
FIG. 2
ampeRes
RefeR to
fig. No.
seRies
dimeNsioNs iNCHes (mm)
A
B
C
D
E
F
G
1 – 30
1
RLN
2 (50.8)
1
⁄2 (12.7)
1
⁄2 (12.7)
9
⁄16 (14.3)
—
—
—
RLS
5 (127.0)
3
⁄4 (19.1)
5
⁄8 (15.9)
13
⁄16 (20.6)
—
—
—
35 – 60
1
RLN
3 (76.2)
3
⁄4 (19.1)
5
⁄8 (15.9)
13
⁄16 (20.6)
—
—
—
RLS
51⁄2 (139.7)
1 (25.4)
5
⁄8 (15.9)
11⁄16 (27.0)
—
—
—
70 – 100
2
RLN
57⁄8 (149.2)
1 (25.4)
1 (25.4)
11⁄16 (27.0)
1
⁄8 (3.2)
3
⁄4 (19.1)
15⁄16 (33.3)
RLS
77⁄8 (200.0)
11⁄4 (31.8)
1 (25.4)
15⁄16 (33.3)
1
⁄8 (3.2)
3
⁄4 (19.1)
19⁄16 (39.7)
110 – 200
2
RLN
71⁄8 (181.0)
11⁄2 (38.1)
13⁄8 (34.9)
19⁄16 (39.7)
3
⁄16 (4.8)
11⁄8 (28.6)
17⁄8 (47.6)
RLS
95⁄8 (244.5)
13⁄4 (44.5)
13⁄8 (34.9)
127⁄32 (46.8)
3
⁄16 (4.8)
11⁄8 (28.6)
23⁄32 (53.2)
225 – 400
2
RLN
85⁄8 (219.1)
2 (50.8)
17⁄8 (47.6)
23⁄32 (53.2)
1
⁄4 (6.4)
15⁄8 (41.3)
213⁄32 (61.1)
RLS
115⁄8 (295.3)
21⁄2 (63.5)
17⁄8 (47.6)
219⁄32 (65.9)
1
⁄4 (6.4)
15⁄8 (41.3)
27⁄8 (73.0)
450 – 600
2
RLN
103⁄8 (263.5)
21⁄2 (63.5)
21⁄4 (57.2)
219⁄32 (65.9)
1
⁄4 (6.4)
2 (50.8)
27⁄8 (73.0)
RLS
133⁄8 (339.7)
3 (76.2)
21⁄4 (57.2)
33⁄32 (78.6)
1
⁄4 (6.4)
2 (50.8)
37⁄16 (87.3)
Dimensions
Guide For Proper Renewable Fuse Usage
Renewable fuses should only be used where short-
circuit currents are known to be less than 10,000
amperes, and where correct replacement of open
links is assured. Renewable fuses and links are not
recommended for new applications.
Still Using Class H Fuses?
Littelfuse offers several fuse and fuse block
combinations that can greatly improve electrical safety.
LLNRK / LLSRK
FLNR / FLSR fuses
LFR fuse holders


Similar Part No. - RLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLS LITTELFUSE-RLS Datasheet
777Kb / 1P
RLN/RLS Class H Fuses
logo
Ohmite Mfg. Co.
RLS OHMITE-RLS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
KITAGAWA GmbH
RLS KGS-RLS Datasheet
6Mb / 1P
Releasable PCB spacer
RLS-2E-V0 KGS-RLS-2E-V0 Datasheet
6Mb / 1P
Releasable PCB spacer
RLS-3E-V0 KGS-RLS-3E-V0 Datasheet
6Mb / 1P
Releasable PCB spacer
More results

Similar Description - RLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
RLN/RLS Class H Fuses
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
RES-50 COOPER-RES-50 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
logo
Littelfuse
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
FLSR LITTELFUSE-FLSR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLSR Series
Rev: 090721
KLKR LITTELFUSE-KLKR_V01 Datasheet
208Kb / 2P
CLASS CC KLKR SERIES FUSES
Rev: 062218
RLN LITTELFUSE-RLN_V01 Datasheet
296Kb / 1P
Class H ??RLN / RLS series fuses & lkn / lks links
Rev: 100112
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com