Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3610 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYUSB3610
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3610 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYUSB3610 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 29Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 30Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 31Page - Cypress Semiconductor CYUSB3610 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 28 of 35
AC Timing Characteristics
Notice that the following AC timing specifications for output pins are based on CL (Output load) equal to 50 pF.
Clock Timing
Reset Timing
Table 19. Clock Timing Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TP_XTALIN
XTALIN clock cycle time
–
40.0
–
ns
TH_XTALIN
XTALIN clock high time
–
20.0
–
ns
TL_XTALIN
XTALIN clock low time
–
20.0
–
ns
Table 20. Reset Timing Parameters
Symbol
Description
Min
Typ
Max
Unit
Trst
Reset pulse width after XTALIN is
running
125
–
250000
XTALIN clock cycle [15]
Trst
XTALIN
RESET#
Note
15. If the system applications require using hardware reset pin, RESET#, to reset GX3 during device initialization or normal operation after VBUS pin is asserted, the
above timing spec (Min = 5 μs, Max =10 ms) of RESET# should be met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com