Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2314 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC2314
Description  27MHz CB Transceiver Driver Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2314 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC2314 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2314 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2314 Datasheet HTML 3Page - Sanyo Semicon Device 2SC2314 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2314
No.485–2/4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
0
0
5
=
*
0
6*
0
2
3
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
0
5
=
0
8
10
5
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
=
5
15
2F
p
r
e
w
o
P
t
u
p
t
u
OPO
V C
C
W
m
5
3
=
i
P
,
z
H
M
7
2
=
f
,
V
2
1
=
0
.
18
.
1W
y
c
n
e
i
c
i
f
f
E
r
o
t
c
e
ll
o
C
ηc
.
t
i
u
c
r
i
c
t
s
e
t
d
e
i
f
i
c
e
p
s
e
e
S
0
6%
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
0
5
=
B
A
m
0
5
=
2
.
06
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
0
5
=
B
A
m
0
5
=
9
.
02
.
1V
Collector Effieiency Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com