Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GX3 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # GX3
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GX3 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button GX3 Datasheet HTML 17Page - Cypress Semiconductor GX3 Datasheet HTML 18Page - Cypress Semiconductor GX3 Datasheet HTML 19Page - Cypress Semiconductor GX3 Datasheet HTML 20Page - Cypress Semiconductor GX3 Datasheet HTML 21Page - Cypress Semiconductor GX3 Datasheet HTML 22Page - Cypress Semiconductor GX3 Datasheet HTML 23Page - Cypress Semiconductor GX3 Datasheet HTML 24Page - Cypress Semiconductor GX3 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 21 of 35
Electrical Specifications
DC Characteristics
Absolute Maximum Ratings
Notes:
1.Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be restricted to the
optional sections of this datasheet. Exposure to absolute maximum rating condition for extended periods may affect device reliability.
2. The input and output negative voltage ratings may be exceeded if the input and output currents under ratings are observed.
Table 12. Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCCK
Digital core power supply
–0.5 to 1.44
V
U3TXVDDQ
Analog Power for USB Transceiver. 1.2 V
–0.5 to 1.6
V
U3RXVDDQ
Analog Power for USB Transceiver. 1.2 V
–0.5 to 1.6
V
E12VDDQ
Analog Power for Ethernet PHY. 1.2 V
–0.1 to 1.26
V
E12VCC
Analog Power for Ethernet PHY. 1.2 V
–0.1 to 1.26
V
VIO33
Power supply of 3.3 V I/O
–0.5 to 4.2
V
CVDDQ
Power supply of 3.3 V for clock pin.
–0.5 to 4.6
V
A3V3
Analog Power 3.3 V for USB Transceiver.
–0.5 to 4.6
V
E33VDDQ
Analog Power for Ethernet PHY. 3.3 V
–0.4 to 3.7
V
E33VCC
Analog Power for Ethernet PHY. 3.3 V
–0.4 to 3.7
V
VIN3
Input voltage of 3.3 V I/O
–0.5 to 4.2
V
Input voltage of 3.3 V I/O with 5 V tolerant
–0.5 to 5.8
V
TSTG
Storage temperature
–65 to 150
°C
IIN
DC input current
50
mA
IOUT
Output short circuit current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com