Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CB2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB2012T2R2M Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CB2012T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 10Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 11Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 12Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 13Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 14Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 15Page - List of Unclassifed Manufacturers CB2012T2R2M Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
207
5
RELIABILITY DATA
6/8
Item
Specified Value
Test Methods and Remarks
18.Thermal shock
19.Damp heat
△L/L→
WithinM10L
Q
→
10N
:10min.
12NV33N
:
15min.
39NVR10
:
20min.
R12V4R7
:
30min.
5R6V330
:
25min.
390V820
:
20min.
101
:15min.
△L/L→WithinM10L
△L/L→
WithinM5L
※△L/L→
withinM0.5nH
under
8.2
nH
△Q/Q→
withinM20L
※△Q/Q→
withinM5 under
8.2
nH
△L/L→
WithinM10L
Q
→
10N
:10min.
12NV33N
:
15min.
39NVR10
:
20min.
R12V4R7
:
30min.
5R6V330
:
25min.
390V820
:
20min.
101
:15min.
△L/L→WithinM10L
△L/L→
WithinM5L
※△L/L→
withinM0.5nH
under
8.2
nH
△Q/Q→
WithinM20L
※△Q/Q→
withinM5 under
8.2
nH
Conditions for 1cycle
Step
TemperaturefCg
Durationfming
1
K
40
30
2
J
85
30
Temperature for
:LEM2520
Number of cycle
:100 cycle
Recovery
:At least 1 hr of recovery the stan-
dard condition after the removal
from test chamber, followed by
measurement within 2 hrs.
LBYLBCYCBYCBCYCBLYLBH
:
K
40VJ85C, miantain times 30min. ,100 cycle
Recovery
:At least 1 hr of recovery under
the standard condition after the
test, followed by the measure-
ment within 2 hrs.
Temperature
:60M2C
Humidity
:90V95LRH
Duration
:1000 hrs
Recovery
:At least 1 hr of recovery the stan-
dard condition after the removal
from test chamber, followed by
measurement within 2 hrs.
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com