Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2L110M Datasheet(PDF) 4 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2L110M
Description  TWO-PHASE HYBRID STEPPER MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2L110M Datasheet(HTML) 4 Page - MotionKing Motor Industry Co.,Ltd.

  2L110M Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MotionKing (China) Motor Industry Co., Ltd.
4/5
MK054, Rev.01
5.55
3.96
ON
OFF
ON
ON
6.15
4.39
ON
ON
OFF
OFF
6.60
4.71
ON
ON
OFF
ON
7.20
5.14
ON
ON
ON
OFF
7.80
5.57
ON
ON
ON
ON
5.2 Microstep Resolution Selection
Microstep resolution is specified by 1, 2, 3, 4 DIP switches as shown in the following table:
usteps/rev.( 1.8°/rev)
SW1
SW2
SW3
SW4
400
ON
ON
ON
ON
500
OFF
ON
ON
ON
600
ON
OFF
ON
ON
800
OFF
OFF
ON
ON
1000
ON
ON
OFF
ON
1200
OFF
ON
OFF
ON
1600
ON
OFF
OFF
ON
2000
OFF
OFF
OFF
ON
2400
ON
ON
ON
OFF
3200
OFF
ON
ON
OFF
4000
ON
OFF
ON
OFF
5000
OFF
OFF
ON
OFF
6000
ON
ON
OFF
OFF
6400
OFF
ON
OFF
OFF
8000
ON
OFF
OFF
OFF
10000
OFF
OFF
OFF
OFF
6. Typical Wiring Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com