Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2L415B Datasheet(PDF) 4 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2L415B
Description  High Performance-Cost ratio 2-phase Microstepping Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2L415B Datasheet(HTML) 4 Page - MotionKing Motor Industry Co.,Ltd.

  2L415B Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2L415B Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2L415B Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2L415B Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2L415B Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
2L
L4
41
15
5B
B M
Miic
crro
osstte
ep
pp
piin
ng
g D
Drriiv
ve
err V
VE
ER
R 2
2..0
0
www.MotionKing.com
6
7.
Mechanical Dimensions
8.
Power Supply
The driver can work normally with power supply range between DC12V to DV40V, it is
better to use unregulated DC power supply, or it is workable to use transformer + bridge
+ filter capacitance, the capacitance can be 1100 uF or so.
Be reminded that the voltage
peak value not exceed 40V after adjusting current, otherwise the driver will be damaged.
It is recommended to use 24-36V DC power supply, it can avoid the voltage fluctuation
exceed the rate voltage range. MotionKing can supply the suitable DC power supply.
Using regulated switch power supply, please set the output current range to be the
maximum.
Attention:
1.
Not to reverse the power positive and negative when connecting;
2.
It is recommended to use non-stable power
3.
The voltage not to exceed the max. when the electric net power supply is fluctuant.
4.
When using unregulated supply, the current output rating must more than the driver
setting current by 60%.
Using regulated power supply, must more than the driver’s
setting current.
5.
In order to lower the cost, two or three drivers can share the same power supply.
2
2L
L4
41
15
5B
B M
Miic
crro
osstte
ep
pp
piin
ng
g D
Drriiv
ve
err V
VE
ER
R 2
2..0
0
www.MotionKing.com
7
9.
Selection Microstep resolution and driver current
This driver uses a 6-bit DIP switch to set microstep resolution, dynamic current and standstill
current, details as below:
Microstep Resolution Selection
Microstep resolution is set by SW4, SW 5, SW 6 of the DIP switch as shown in the
following table:
Microstep
Steps/rev.(for1.8o motor)
SW4
SW5
SW6
1
200
ON
ON
ON
2
400
OFF
ON
ON
4
800
ON
OFF
ON
8
1600
OFF
OFF
ON
16
3200
ON
ON
OFF
32
6400
OFF
ON
OFF
64
12800
ON
OFF
OFF
Current Settings
Peak current (A)
SW1
SW2
SW3
0.21A
OFF
ON
ON
0.42A
ON
OFF
ON
0.63A
OFF
OFF
ON
0.84A
ON
ON
OFF
1.05A
OFF
ON
OFF
1.26A
ON
OFF
OFF
1.50A
OFF
OFF
OFF
Note: Due to motor inductance, the actual current in the coil may be smaller than the
dynamic current settings, particularly under high speed condition.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com