Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WF1 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP140WF1 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
`
1. General Description
General Features
The LP140WF1 is a Color Active Matrix Liquid Crystal Display with an integral LED backlight system. The
matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in
the normally black mode. This TFT-LCD has 14.0 inches diagonally measured active display area with FHD
resolution (1920 horizontal by 1080 vertical pixel array). Each pixel is divided into Red, Green and Blue sub-
pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is
determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of more than 262,144
colors. The LP140WF1 has been designed to apply the interface method that enables low power, high
speed, low EMI. The LP140WF1 is intended to support applications where thin thickness, low power are
critical factors and graphic displays are important. In combination with the vertical arrangement of the sub-
pixels, the LP140WF1 characteristics provide an excellent flat display for office automation products such as
Notebook PC.
Active Screen Size
14.0 inches diagonal
Outline Dimension
320.4 (H, Typ.) × 205.1 (V, Typ.) × 3.0 (D, Max.) [mm] (with Bracket & PCB Board)
Pixel Pitch
0.1611 mm x 0.1611 mm
Pixel Format
1920 horiz. By 1080 vert. Pixels RGB strip arrangement
Color Depth
6-bit, 262,144 colors
Luminance, White
300 cd/m2 (Typ. 5 point)
Power Consumption
Total 5.0W (Typ.) Logic : 1.0W (Typ. @ Mosaic), B/L : 4.0W (Typ. @VLED12V)
Weight
300 g (Max.) / 290 g (Typ.)
Display Operating Mode
Normally Black
Surface Treatment
Anti glare treatment (3H) of the front Polarizer
RoHS Compliance
Yes
BFR / PVC / As Free
Yes for all
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(FHD,AH-IPS)
1
Timing Control
(Tcon) Block
30
LED Backlight Ass’y
TCLKs
eDP
2 Lane
VCC
LED Driver
Block
FB1~6
EEPROM Block
for Tcon & EDID
Power
Block
DVCC, AVDD
VGH, VGL, GMA
GSP,GSC,GOE
VOUT_LED
DVCC
VLED
LED_EN
PWM
1080
1920
Source Driver Circuit
4 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com