Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA102FDG Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PA102FDG
Description  P-Channel Logic Level Enhancement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PA102FDG Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PA102FDG Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P-Channel Logic Level Enhancement
Mode Field Effect Transistor
PA102FDG
TO-252
Lead-Free
NIKO-SEM
2
NOV-05-2004
DYNAMIC
Input Capacitance
Ciss
430
Output Capacitance
Coss
235
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = -6V, f = 1MHz
95
pF
Total Gate Charge
2
Qg
7.6
10
Gate-Source Charge
2
Qgs
3.2
Gate-Drain Charge
2
Qgd
VDS = 0.5V(BR)DSS, VGS = -4.5V,
ID = -3A
2
nC
Turn-On Delay Time
2
td(on)
25
Rise Time
2
tr
VDD = -10V
60
Turn-Off Delay Time
2
td(off)
ID ≅ -1A, VGS = -5V, RG = 6Ω
70
Fall Time
2
tf
60
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
-10
Pulsed Current
3
ISM
-24
A
Forward Voltage
1
VSD
IF = -10A, VGS = 0V
-1.2
V
1Pulse test : Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THE PRODUCT MARKED WITH PA102FDG, DATE CODE or LOT #
Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com