Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2703 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP2703
Description  Integrated 7 protocols for fast charging protocol ICs for USB ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2703 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP2703 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IP2161
V1.03
http://www.injoinic.com/
5 / 9
Copyright © 2017, Injoinic Corp.
SEL 输入低电平电压
阈值
VSELL
0.3
V
SEL 默认输出电压
VSELO
1.35
1.5
1.65
V
HVDCP (QC2.0&QC3.0)模式
数据检测电压阈值
VDATA_REF
0.25
0.325
0.4
V
输出电压选择参考电
压
VSEL_REF
1.8
2
2.2
V
DP 高 glitch 时间
TGLITCH(BC)_DP_H
1000
1250
1500
ms
DM 低 glitch 时间
TGLITCH(BC)_DM_L
2
ms
输出电压 glitch 时间
TGLITCH(V)_CHANGE
20
40
60
ms
连续模式 glitch 时间
TGLITCH_CONT_CHANGE
100
200
us
DM 下拉电阻
RDM_DOWN
VDP=0.6V
20
kOhm
DP 下拉电阻
RDAT_LKG
VDP=0.6V
400
kOhm
FB 电流步长
IUP, IDOWN
40uA(9V);
70uA(12V)
2
uA
DCP 模式
三星 DP/DM 输出电压
1.08
1.2
1.32
V
三星 DP/DM 输出阻抗
100
kOhm
Apple 2.4A DP/DM 输
出电压
2.64
2.7
2.76
V
Apple 2.4A DP/DM 输
出阻抗
30
kOhm
10.FB 温度特性
TA=25℃,4.5V ≤VCC ≤ 5.5V,下图中 Temp 为 IC 温度
FB Sink 70uA(12V)时随温度变化曲线图



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com