Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6502 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP6502
Description  Maximum output 24 W, integrated with various fast charge output protocols
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6502 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP6502 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IP6505
V1.4
http://www.injoinic.com/
2 / 11
Copyright © 2017, Injoinic Corp.
VOUT
IP6505
ESOP8
SW
VIN
SW
ESOP8
1
2
3
4
5
6
7
8
DP
NC
BST
DM
VOUT
DM
DP
VIN输入 4.5-32V
L2
C1
C2
C3
C4
C5
L1
VOUT
R1
D1
R3
C6
图 1 IP6505 简化应用原理图
4 引脚定义
1
2
3
4
5
6
7
8
DP
DM
SW
SW
BST
NC
VIN
VOUT
IP6505
ESOP8
图 2 IP6505 引脚图
序号
名称
描 述
1/2
SW
DCDC 开关节点,连接电感
3
BST
自举电路引脚,紧靠芯片 BST 引脚和 LX 引脚放置自举电容,为上管
栅极驱动提供电压
4
NC
悬空 PIN,不要连接任何地方
5
DM
USB 快充识别信号 DM
6
DP
USB 快充识别信号 DP
7
VIN
输入电压引脚,靠近 IC 需要放置滤波电容,推荐 22uF
8
VOUT
输出电压反馈引脚
9(EPAD)
GND
功率地和散热地,需要保持与 GND 良好接触



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com