Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6503 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP6503
Description  Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6503 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP6503 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6503 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IP6518
V1.6
http://www.injoinic.com/
2 / 12
Copyright © 2017, Injoinic Corp.
DM
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
GND
VIN
VIN
DP
NDRV
NC
NC
CC1
CC2
NC
VOUT
VSP
AGND
VIN
VIN
VINS
LX
LX
LX
LX
BST
QFN24
IP6518
DM
DP
VOUT
VIN输入 10.5-32V
C4
C5
C3
C7
C2
VOUT
R1
vout
R2
D1
L1
L2
CC1
CC2
NC
C6
C1
C8
R3
NC
图 1 IP6518 简化应用原理图
4 引脚定义
DM
NC
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
GND
VIN
VIN
DP
NC
NDRV
NC
NC
CC1
CC2
NC
VOUT
VSP
AGND
VIN
VIN
VINS
LX
LX
LX
LX
BST
QFN24
IP6518
图 2 IP6518 引脚图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com