Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSLC05 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSLC05
Description  ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSLC05 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSLC05 Datasheet HTML 1Page - Pan Jit International Inc. PJSLC05 Datasheet HTML 2Page - Pan Jit International Inc. PJSLC05 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-DEC.02.2004
Pulse Waveform
Power Derating Curve
5
25
0
0
10
50
15
75
20
100
25
125
30
150
110
110
100
100
90
90
80
80
70
70
60
60
50
50
40
40
30
30
20
20
10
10
0
0
time,
sec
m
Ambient Temperature - TA, C
O
Rise time 10-90% - 8 s
m
50% of Ipp @ 20 s
m
6
0.1
8
1
10
10
12
100
14
1000
24
18
20
22
16
Clamping Voltage, Volts
Pulse Duration,
msec
18
16
14
12
10
8
6
10
4
1
2
0.1
0
0.01
Clamping Voltage vs Ipp 8x20 sec
m
Non-Repetitive Peak Pulse Power vs Pulse Time



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com