Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1621 Datasheet(PDF) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1621
Description  LCD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1621 Datasheet(HTML) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM1621 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LCD 驱动器
TM1621
9
©Titan Micro Electronics
www.titanmec.com
V1.4
模式命令应在数据或命令传送前运行,如果执行连续的命令,命令模式代码即100,将被忽略。当系统在不
连续命令模式或不连续地址数据模式下,管脚/CS应设为“1”, 而且先前的操作模式将复位。当管脚/CS返
回“0” 时,新的操作模式类型码应先运行。
7、接口
TM1621只有四根管脚用于接口。管脚/CS用于初始化串行接口电路和结束主控制器与TM1621之间的通讯。
管脚/CS设置为“1”时,主控制器和TM1621之间的数据和命令无效并初始化。在产生模式命令或模式转换之
前,必须用一个高电平脉冲初始化TM1621的串行接口。管脚DATA是串行数据输入/输出管脚,读/写数据和写
命令通过管脚DATA进行。管脚/RD是读时钟输入管脚,在/RD信号的下降沿时,数据输出管脚DATA上,在/RD
信号上升沿和下一个下降沿之间,主控制器应读取相应的数据。管脚/WR是写时钟输入管脚,在/WR信号上升
沿时管脚DATA上的数据、地址和命令被写入TM1621。可选的管脚/IRQ可用作主控制器和TM1621之间的接口,
/IRQ可用软件设置作为定时器输出或WDT溢出标志输出。主控制器与TM1621的/IRQ 相连接后,可以实现时基
或WDT功能。
8、时序图
READ 模式(命令代码110)
READ 模式(读连续地址)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com