Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7913E Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT7913E
Description  A linear charging model in the built-in maximum 1 A linear charging mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT7913E Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT7913E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HT7913E
2/6
www.hotchip.com.cn
Ver1.1
蓝牙音箱电源管理方案
引脚定义
引脚名
引脚号
功能说明
GATE
1
BOOST 外置功率管驱动
L1
2
指示灯
VDD
3
外部输入直流 5V
EN
4
升压使能
BTP
5
电池正极
FB
6
升压输出基准
GND
7
地
CS
8
BOOST 电感峰值电流侦测
电路内部结构框图
VDD
L1
GATE
GND
BTP
CS
FB
1
3
4
5
8
7
6
2
EN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com