Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB162AFC Datasheet(PDF) 1 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB162AFC
Description  Character Type LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB162AFC Datasheet(HTML) 1 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMB162AFC Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Character Type LCD Module
LMB162A series
TDN-08-0176(A4, PRODUCTCATALOG)-16
URL: www.topwaydisplay.com, www.topwaysz.com
-
16 -
OUTLINE DRAWING
TERMINAL FUNCTIONS
Pin
Name
Descriptions
1
VSS
0V Power Supply, Ground
2
VDD
Positive Power Supply
3
V0
LCD Contrast Reference Supply
4
RS
Register Select
RS=HIGH: Transferring Display Data
RS=LOW: Transferring Instruction Data
5
R/W
Read/Write Control Bus
R/W=HIGH: Read Mode Selected
R/W=LOW: Write Mode Selected
6
E
Data Enable
7
DB0
:
:
14
DB7
Bi-directional Tri-state Data Bus
15
BLA
LED Backlight Positive Power Supply
16
BLK
LED Backlight Negative Power Supply
DISPLAY CHARACTERISTICS
Item
Value
LCD Display Mode
*
STN-YG, Positive, Transflective
Viewing Angle
6:00
Driving Method
1/16 duty, 1/5 bias
Backlight
※
YG LED Backlight
BLOCK DIAGRAM
MECHANICAL DATA
Item
Value
Outline (mm)
80.0 x 36.0 x 14.3MAX
Viewing Area (mm)
64.6 x 16.0
Active Area (mm)
56.2 x 11.5
Character Pitch (mm)
0.6 x 0.7
Character Size (mm)
0.55 x 0.65
ABSOLUTE MAXIMUM
Item
Symbol
Min
Max
Operating Voltage (V)
VDD
0
6.0
Operating Temperature (
°C)
TOP
-20
+70
Storage Temperature (
°C)
TST
-30
+80
ELECTRICAL CHARACTERISTICS
#
Item
Symbol
Min
Typ
Max
Operating Voltage (V)
VDD
4.7
5.0
5.3
Input High Voltage (V)
VOH
0.8 VDD
-
VDD
Input Low Voltage (V)
VOL
VSS
-
0.5
Operating Current (mA)
IDD
-
1.3
3.0
BACKLIGHT CHARACTERISTICS
Item
Symbol
Min
Typ
Max
Forward Voltage (V)
VfBLA
-
4.9
-
Forward Current (mA)
IfBLA
-
100
150
LMB162A series
Highlight
Major Models
*LCD Mode
#Voltage
※Backlight
LMB162ABA
STN-YG
5.0V
Nil
LMB162ABC★
STN-YG
5.0V
YG-LED
LMB162ABC-1
STN-YG
3.3V
YG-LED
LMB162ADC
STN-Gray
5.0V
White-LED
LMB162ADC-1
STN-Gray
5.0V
YG-LED
LMB162ADC-2
STN-Gray
3.0V
White-LED
LMB162ADC-3
STN-Gray
5.0V
Amber-LED
LMB162AFC
STN-Blue
5.0V
White-LED
LMB162AFC-2
STN-Blue
3.0V
White-LED
LMB162AGC-1
FSTN-Neg
5.0V
White-LED
For similar product or (semi) custom made LCD module,
please visit our web site or contact us
★The above product information is based on this model.
LCD Panel
16 x 2Char (5 X 8 dots)
VSS
RS, R/W, E
V0
VDD
DB0 - DB7
BLA
BLK
LED Backlight Circuit
S6A0065
or
equivalent
S6A0069
or
equivalent


Similar Part No. - LMB162AFC

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMB162AFC TOPWAY-LMB162AFC Datasheet
580Kb / 11P
LCD Module User Manual
LMB162AFC-1 TOPWAY-LMB162AFC-1 Datasheet
474Kb / 10P
LCD Module User Manual
LMB162AFC-2 TOPWAY-LMB162AFC-2 Datasheet
481Kb / 10P
LCD Module User Manual
More results

Similar Description - LMB162AFC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16255 SHARP-LM16255 Datasheet
20Kb / 1P
Character Type LCD Module
LM16X21B SHARP-LM16X21B Datasheet
33Kb / 1P
Character Type LCD Module
logo
List of Unclassifed Man...
PVC160203PGL01 ETC-PVC160203PGL01 Datasheet
308Kb / 20P
Character Type Lcd Module
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
CHARACTER TYPE DOT MATRIX LCD MODULE
logo
Crystalfontz America, I...
CFAH0802A-TTI-JT CRYSTAIFONTZ-CFAH0802A-TTI-JT Datasheet
837Kb / 12P
CHARACTER LCD MODULE
CFAH0802D-NYG-JT CRYSTAIFONTZ-CFAH0802D-NYG-JT Datasheet
509Kb / 11P
CHARACTER LCD MODULE
CFAH1202A-YYH-JT CRYSTAIFONTZ-CFAH1202A-YYH-JT Datasheet
858Kb / 11P
CHARACTER LCD MODULE
CFAH2004A-YTI-JT CRYSTAIFONTZ-CFAH2004A-YTI-JT Datasheet
852Kb / 12P
CHARACTER LCD MODULE
CFAH2004B-TFH-ET CRYSTAIFONTZ-CFAH2004B-TFH-ET Datasheet
1,012Kb / 12P
CHARACTER LCD MODULE
CFAH4004A-YYH-JT CRYSTAIFONTZ-CFAH4004A-YYH-JT Datasheet
985Kb / 12P
CHARACTER LCD MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com