Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9014 Datasheet(PDF) 1 Page - Micro Electronics

Part # S9014
Description  The S9014 is an NPN epitaxial silicon planar transistor designed for use in the audio output stage and converter/inverter circuits.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

S9014 Datasheet(HTML) 1 Page - Micro Electronics

  S9014 Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S9014
DESCRIPTION
The S9014 is an NPN epitaxial silicon planar transistor designed for use in the audio
output stage and converter/inverter circuits.
ABSOLUTE MAXIMUM RATINGS
Maximum Temperatures
Storage Temperature
-55~135℃
Operating Temperature
135℃
Lead Temperature (Soldering, <10s)
230℃
Maximum Power Dissipation
Total Disspation at 25℃ Ambient Temperature
0.4W
Maximum Voltage
VCBO Collector to Base Voltage
50V
VCEO Collector to Emitter Voltage
45V
VEBO Emitter to Base Voltage
5V
IC Collector Current (continuous)
0.5A
ELECTRICAL CHARACTERISTICS (Ta=25℃ Unless otherwise noted)
SYMBOL
CHARACTERISTICS
MIN.
TYP.
MAX. UNITS
TEST
CONDITIOMNS
HFE1
DC current gain
60
1000
Ic=1mA Vce=5V
VCE(SAT)
Collector Saturation Voltage
0.3
V
Ic=100mA Ib=10mA
VBE
Base-Emitter Voltage
0.85
V
Ic=1mA VCE=5V
BVCEO
Collector to Emitter Breakdown Voltage
45
V
Ic=1mA Ib=0
BVCBO
Collector to Base Breakdown Voltage
50
V
Ic=100μA Ie=0
BVEBO
Emitter to Base Breakdown Voltage
5
V
Ie=100μA Ic=0
ICBO
Collector Cutoff Current
0.1
μA
Vcb=50V Ie=0
fT
Transition frequency
150
Ic=10mA Vce=5V f=30MH Z
CCB
Collector to Base Capacitance
6
pF
Vcb=10V Ic=0 f=1MH Z
Note:
HFE1 classification: A: 60~150 B: 100~300 C: 200~600 D: 400~1000
REV:0
25-May-05
MICRO
1
2
3
S9014:
1. Emitter
2. Base
3. Collect
MICRO ELECTRONICS LTD.
7
th Floor Enterprise Square Three,39 Wang Chiu Road, Kowloon Bay, Hong Kong.
Wang Chiu Road P.O. Box 69477 Hong Kong. Fax No. 2341 0321 Telex:43510 Micro Hx. Tel: 2343 0181-5


Similar Part No. - S9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9014 FAIRCHILD-S9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
AUK corp
S9014 AUK-S9014 Datasheet
92Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9014 ETC-S9014 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9014 WEITRON-S9014 Datasheet
788Kb / 4P
NPN General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9014 BILIN-S9014 Datasheet
183Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S9014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR520.215 NXP-BFR520.215 Datasheet
169Kb / 14P
The BFR520 is an NPN silicon planar epitaxial transistor in a SOT23 plastic package
Rev. 4-13 September 2011
logo
PHOENIX CONTACT
2700605 PHOENIX-2700605 Datasheet
80Kb / 4P
The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
The terminal is designed for use within an Inline station.
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
The terminal is designed for use within an Inline station.
logo
Leshan Radio Company
L2SC3356RLT1G LRC-L2SC3356RLT1G Datasheet
644Kb / 4P
The L2SC3356RLT1 is an NPN silicon epitaxial transistor designed for
L2SC3356RWT1G LRC-L2SC3356RWT1G Datasheet
653Kb / 4P
The L2SC3356RWT1G is an NPN silicon epitaxial transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com