Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  Highly integrated PMIC customized for Intel SoC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP288 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXP288
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
1
Highly integrated PMIC customized for Intel SoC with
multi power rails,power path management,1-cell
batetry charger and fuel gauge
FEATURES
3.5V~7V Input Operating Range and Support
1-Cell Battery
40uA Off-State Battery Discharge Current
 IPS (Intelligent Power Select) with external
PMOS for battery path
 Support TWSI (Two Wire Serial Interface)
 3MHz Li battery PWM Charger with Internal
NMOS-NMOS Pair, Up to 2.8A Charge Current
 6-ch Bucks up to 6A and 14-ch LDOs up to 0.5A
 Protection
- Input Over-Voltage Protection Voltage
- Short Protect for PMOS in BAT Path
- Battery Thermistor Sense hot/cold charge
suspend
- Programmable Safety Timer for Charger
- Charge Over-Current Protection
- Die thermal balance for charger
- Faulty condition shutdown
 Status Indication
- Adapter Present
- Charger Operation Status
- Battery Detection
76 pin , 9×9mm2 QFN Package
APPLICATIONS
Tablet PC, DVR,Desktop,Dongle
UMPC-like, Student Computer
DESCRIPTION
AXP288 is a highly integrated PMIC targeting at 1- cell
Li-battery
(Li-ion
or
Li-polymer)
applications,customized for Intel Cherry Trail-T3 SoC. It
provides an easy and flexible battery management
solution for large current charge and system power
supply.
AXP288 comes with a 5v input Charger that supports
up to 2.8A charge current. To ensure the security and
stability of the power system, AXP288 provides
multiple
channels
12-bit
ADC
for
voltage/current/temperature monitor and integrates
protection circuits such as OVP, UVP, OTP, and OCP.
Moreover,
AXP288
features
a
unique E-
Gauge™(Fuel Gauge) system, making power gauge
easy and exact.
In addition, AXP288 embraces a fast interface for
the system to dynamically adjust charge current
and power rail output voltage so that the battery
charge time could be saved and battery life
can be extended to the largest extent.
Besides, AXP288 features an IPS™ (Intelligent Power
Select) circuit to transparently select power path
among adapter and Li-battery to system load.
AXP288 is available in 9mm x 9mm 76-pin QFN
package, and the package is Pb free.


Similar Part No. - AXP288

ManufacturerPart #DatasheetDescription
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
AXP288C XPOWER-AXP288C Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
AXP288D XPOWER-AXP288D Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
AXP288 XPOWER-AXP288_14 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
More results

Similar Description - AXP288

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
Highly Integrated 6-Channel Portable PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
Highly Integrated Portable Product PMIC
logo
Advantech Co., Ltd.
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
Highly Integrated x86 SoC for Industrial Embedded Platforms
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
logo
Texas Instruments
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
PMIC for Intel Braswell Platform
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com