Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD6919 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD6919
Description  500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6919 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD6919 Datasheet HTML 6Page - Leadtrend Technology LD6919 Datasheet HTML 7Page - Leadtrend Technology LD6919 Datasheet HTML 8Page - Leadtrend Technology LD6919 Datasheet HTML 9Page - Leadtrend Technology LD6919 Datasheet HTML 10Page - Leadtrend Technology LD6919 Datasheet HTML 11Page - Leadtrend Technology LD6919 Datasheet HTML 12Page - Leadtrend Technology LD6919 Datasheet HTML 13Page - Leadtrend Technology LD6919 Datasheet HTML 14Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LD6919
4/12/2010
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6919-DS-00b April 2010
IR Profile for SMD Devices
0
50
100
150
200
250
300
Temp.
(ºc)
Time (sec.)
Ramp up
3ºC/second
max.
217ºC
60 ~ 150 seconds
Peak Temp.
260 -5/+0ºC, 30 seconds
(max.)
Preheat
60 ~ 120 seconds
260
217
Ramp down
6ºC/second max.
Item
Average
Ramp-up Rate
Pre-heat
(150 ~ 200°C)
Time Maintained
Above 217°C
Peak Temp.
Ramp-down
Rate
Required
3°C(max)
/sec
60~120 sec
60~150 seconds
260 +0/-5°C
30 seconds
6°C (max)
/sec
Important Notice
Leadtrend Technology Corp. reserves the right to make changes or corrections to its products at any time without notice.
Customers should verify the datasheets are current and complete before placing order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com