Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7516CGL Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD7516CGL
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516CGL Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD7516CGL Datasheet HTML 6Page - Leadtrend Technology LD7516CGL Datasheet HTML 7Page - Leadtrend Technology LD7516CGL Datasheet HTML 8Page - Leadtrend Technology LD7516CGL Datasheet HTML 9Page - Leadtrend Technology LD7516CGL Datasheet HTML 10Page - Leadtrend Technology LD7516CGL Datasheet HTML 11Page - Leadtrend Technology LD7516CGL Datasheet HTML 12Page - Leadtrend Technology LD7516CGL Datasheet HTML 13Page - Leadtrend Technology LD7516CGL Datasheet HTML 14Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LD7516C
08/31/2016
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Revision History
REV.
Date
Change Notice
00
06/05/2015
Original Specification.
01
08/31/2016
1.
Modified ILOAD_COMP (was IFB) test condition from VCOMP=3.0V to 2.5V, and revise
the application note ILOAD_COMP equation and VCOMP VS ILOAD_COMP curve (Fig.17),
due to mark error. The field tests still the same.
2.
Modified FSW_MIN from 0.56 kHz to 0.5 kHz, due to mark error. The field tests still
the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com