Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE2.1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FE2.1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FE2.1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FE2.1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB 2.0 7-Port Hub
Product Brief Rev. 1.0
□
Alternate Interface 0 for Single-TT, and
Alternate Interface 1 for Multiple-TT;
□
Each TT could handle 64 periodic
Start-Split transactions, 32 periodic
Complete-Split transactions, and 6
none-periodic transactions;
Support Self-Powered Mode only;
Board configured options –
□
Ganged or Individual Power Control
Mode select;
□
Global, Multiple Ganges, or Individual
Over-Current Protection Mode select;
□
Removable or Non-Removable
Downstream Devices configuration;
□
Number of Downstream Ports;
EEPROM configured options –
□
Vendor ID, Product ID, & Device
Release Number;
□
Removable or Non-Removable
Downstream Devices configuration;
□
Serial Number; and
□
Number of Downstream Ports;
Comprehensive status indicators support:
□
Standard downstream port status
indicators (Green and Amber LED
control for each downstream port);
□
Hub Active/Suspend indicator LED;
Support Microsoft Windows 98SE/ME,
2000, XP, and Vista;
Support Mac OS 8.6 and above;
Support Linux kernel 2.4.20 and above.
PACKAGE
64-pin LQFP (body size: 10x10 mm)
48-pin LQFP (body size: 7x7 mm)
TERMINUS TECHNOLOGY INC.
1052, 10F, NO. 3-2, YUANQU ST. NANGANG
TAIPEI, TAIWAN, ROC
April 29, 2009
Subject to Change Without Notice
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com