Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116C Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD8116C
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116C Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD8116C Datasheet HTML 4Page - Leadtrend Technology LD8116C Datasheet HTML 5Page - Leadtrend Technology LD8116C Datasheet HTML 6Page - Leadtrend Technology LD8116C Datasheet HTML 7Page - Leadtrend Technology LD8116C Datasheet HTML 8Page - Leadtrend Technology LD8116C Datasheet HTML 9Page - Leadtrend Technology LD8116C Datasheet HTML 10Page - Leadtrend Technology LD8116C Datasheet HTML 11Page - Leadtrend Technology LD8116C Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LD8116C
05/05/2018
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116C-DS-00 May 2018
100.0
100.5
101.0
101.5
102.0
102.5
103.0
-40
0
40
80
120
Temperature(℃)
Fig.8 I
DIM_100 VS. Temperature
0.98
1.08
1.18
1.28
1.38
1.48
1.58
-40
0
40
80
120
Temperature(℃)
Fig.9 V
DIM_OFF VS. Temperature
0.08
0.09
0.10
0.11
0.12
0.13
0.14
-40
0
40
80
120
Temperature(℃)
Fig.10 V
DIM_OFF,Hys VS. Temperature
4.60
4.70
4.80
4.90
5.00
5.10
5.20
-40
0
40
80
120
Temperature(℃)
Fig.11 V
CLAMP_OPEN VS. Temperature
8.00
8.50
9.00
9.50
10.00
10.50
11.00
11.50
12.00
-40
0
40
80
120
Temperature(℃)
Fig. 12
D
VDIM_1.65V (%) vs. Temperature
47.00
47.50
48.00
48.50
49.00
49.50
50.00
50.50
51.00
-40
0
40
80
120
Temperature(℃)
Fig. 13 D
VDIM_5.65V (%) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com