Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8200SGL Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD8200SGL
Description  USB Type-C Current Advertisement Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8200SGL Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD8200SGL Datasheet HTML 4Page - Leadtrend Technology LD8200SGL Datasheet HTML 5Page - Leadtrend Technology LD8200SGL Datasheet HTML 6Page - Leadtrend Technology LD8200SGL Datasheet HTML 7Page - Leadtrend Technology LD8200SGL Datasheet HTML 8Page - Leadtrend Technology LD8200SGL Datasheet HTML 9Page - Leadtrend Technology LD8200SGL Datasheet HTML 10Page - Leadtrend Technology LD8200SGL Datasheet HTML 11Page - Leadtrend Technology LD8200SGL Datasheet HTML 12Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LD8200S
09/29/2016
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8200S-DS-01 September 2016
0.05
0.10
0.15
0.20
0.25
0.30
-40
0
40
80
120
Temperature(℃)
Fig. 7 V
CC_TLL vs. Temperature
8.50
9.00
9.50
10.00
10.50
11.00
-40
0
40
80
120
Temperature(℃)
Fig. 8 I
SEL vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com