Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC8010Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPC8010Q
Description  Automotive SPDT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC8010Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPC8010Q Datasheet HTML 1Page - Qorvo, Inc QPC8010Q Datasheet HTML 2Page - Qorvo, Inc QPC8010Q Datasheet HTML 3Page - Qorvo, Inc QPC8010Q Datasheet HTML 4Page - Qorvo, Inc QPC8010Q Datasheet HTML 5Page - Qorvo, Inc QPC8010Q Datasheet HTML 6Page - Qorvo, Inc QPC8010Q Datasheet HTML 7Page - Qorvo, Inc QPC8010Q Datasheet HTML 8Page - Qorvo, Inc QPC8010Q Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
QPC8010Q
Automotive SPDT SWITCH
Data Sheet Rev G | Subject to change without notice
- 4 of 11 -
www.qorvo.com
®
Sequence for Power UP and Power DOWN from the phone battery or supply that is connected to QPC8010Q VBATT pin.
Power
–up Sequence:
1)
Turn on VBATT (supply)
2)
Then EN
3)
Then CTRL
4)
Then (20µs or greater)
5)
Apply RF signal
Power-Down Sequence:
1)
Turn off RF signal
2)
Then CTRL
3)
Then EN
4)
Turn off VBATT (supply)
Sequence for going in and out of a shutdown mode, keeping the VBATT or supply on, but disabling/enabling the QPC8010Q
by the EN pin.
Power-Up Sequence:
1)
Turn-on EN (enable)
2)
Then CTRL
3)
Then (5µs or greater)
4)
Turn-on RF signal
Power-Down Sequence:
1)
Turn-off RF signal
2)
Then CTRL
3)
Then EN (disable)
When changing switch positions between RF1 and RF2, no RF signal should be applied to any RF port while the CTRL is
changing states
Switching Ports:
1)
Turn-off RF signal
2)
Then change CTRL state
3)
Then (5µs or greater)
4)
Turn-on RF signal
Power-Up / Power-Down Sequence and Operational Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com