Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5980 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5980
Description  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5980 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5980 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5980 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5980 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5980 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5980
No.8091-3/4
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
8
6
7
4
5
2
3
1
0
8
6
7
4
5
2
3
1
0
0.2
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IT08219
10mA
15mA
20mA
40mA
60mA
80mA
100mA
IB=0
5mA
VCE=2V
0
0.2
0.4
0.6
0.8
1.2
1.1
1.0
0.1
0.3
0.5
0.7
0.9
IT08220
30mA
IT08225
5
3
2
2
100
10
7
IT08223
Ta=75
°C
--25
°C
IT08224
IC / IB=20
25
°C
3
1.0
2
3
Ta= --25°C
25°C
75°C
2
7
5
IC / IB=50
IT08226
Ta=75
°C
25
°C
--25
°C
7
100
1000
7
5
3
2
5
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.01
3
25
0.1
73
25
7
2
3
1.0
5
7
100
10
1000
5
3
2
7
5
3
2
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.1
3
25
1.0
73
25
7
2
3
10
57 100
7
0.1
0.01
5
3
2
7
5
3
2
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.1
0.01
7
5
3
2
1.0
7
5
3
2
3
2
VCE=2V
IT08221
IT08222
IC / IB=50
Ta=75
°C
--25
°C
25°
C
VCE=10V
f=1MHz
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com