Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-310 Datasheet(PDF) 1 Page - Asahikeiki Co.,Ltd.

Part # AP-310
Description  DC VOLTMETER & AMMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAHI [Asahikeiki Co.,Ltd.]
Direct Link  http://www.asahikeiki.co.jp/en/
Logo ASAHI - Asahikeiki Co.,Ltd.

AP-310 Datasheet(HTML) 1 Page - Asahikeiki Co.,Ltd.

  AP-310 Datasheet HTML 1Page - Asahikeiki Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASAHI KEIKI CO.,LTD.
DC VOLTMETER & AMMETER
AP-310
VCompact Size, 14.2mm LED
s Dimensions
s Connection Diagram
Front
Side
Panel Cutout
72
110
±1
5.5
+0.7
−0
68
Min.96
HOLD
COM
①②③④⑤⑥⑦⑧
INPUT
LO
HI
E
AC POWER
s Ordering Code
s Features
• Bright LED 14.2mm(Red)
• AC90~132V, AC180~264V
• 200mV~200V, 200 A~2A Measurement
• Compact Size, 36(H)
72(W)
110(D)mm
• Screw terminal
AP-310-
-
Range
Power Supply
{
1. AC90~132V
2. AC180~264V
{
11
14
21
25
1V
s DC Voltage Measurement
s Specifications
Input Configuration:
Single Ended
Input Bias Current:
50PA(Typ.)
Conversion Rate:
2.5/sec
Normal Mode Rejection: 40dB(Typ.)(50/60Hz)
Zero Stability:
Automatic Zero Adjustment
Display:
LED, 14.2mm 3 1/2 digit
Decimal Point:
Settable to any digit position
Polarity:
A "-" is displayed automatically
Overrange Indication:
When input exceeds the maximum display,
flashes 1 or -1 at 103.
Power Supply:
AC90~132V
AC180~264V
Operating Temperature:
0~50˚C, 35 to 85%RH
Power Consumption:
1.5VA
Dimensions:
36(H)
72(W)
110(D)mm DIN Size
Weight:
Approx. 200g
Dielectric Strength:
Between power supply and input terminal,
earth, COM AC1500V/1 min.
Insulation Resistance:
DC500V 100M
Ω at above terminals
±199.9mV
±1.999V
±19.99V
±199.9V
Model
Range
Input
Impedance
Input
Protection
AP-310-11
AP-310-12
AP-310-13
AP-310-14
100M
Ω
10M
Ω
10M
Ω
10M
Ω
±250V
±250V
±250V
±500V
100
µV
1mV
10mV
100mV
Maximum
Resolution
Accuracy:
±0.1% rdg ±1 digit (23°C±5°C)
s DC Current Measurement
±199.9µA
±1.999mA
±19.99mA
±199.9mA
±1.999A
Model
Range
Internal
Resistance
Input
Protection
AP-310-21
AP-310-22
AP-310-23
AP-310-24
AP-310-25
1k
Ω
100
Ω
10
Ω
1
Ω
0.1
Ω
±10mA
±50mA
±150mA
±500mA
±3A
100nA
1
µA
10
µA
100
µA
1mA
Maximum
Resolution
Accuracy:
±0.2% rdg ±1 digit (23°C±5°C)
Accuracy:
±0.3% rdg ±1 digit for AP-310-25
Panel thickness 0.8 to 5.0mm
* Same level input LO and COM


Similar Part No. - AP-310

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AP-3-11 AMPHENOL-AP-3-11 Datasheet
562Kb / 2P
CUSTOMER/ASSEMNBLY DRAWING
More results

Similar Description - AP-310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI3DIN ETC2-DI3DIN Datasheet
63Kb / 2P
Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV5 ETC2-DI372AV5 Datasheet
61Kb / 3P
Panel Meters and Controllers AC Ammeter or Voltmeter
Q2000-AVR4 ETC2-Q2000-AVR4 Datasheet
112Kb / 2P
DC Voltmeter, Ammeter, Indicator/ Controller
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
logo
Carlo Gavazzi Holding A...
DI3DINAV1 CARLOGAVAZZI-DI3DINAV1 Datasheet
64Kb / 2P
Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV1 CARLOGAVAZZI-DI372AV1 Datasheet
62Kb / 3P
Panel Meters and Controllers AC Ammeter or Voltmeter
LDI3AV6D CARLOGAVAZZI-LDI3AV6D Datasheet
54Kb / 2P
Panel Meters and Controllers DC Ammeter and Voltmeter
logo
C&B ELECTRONICS (SHENZH...
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com