Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5993 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5993
Description  For power amplification For TV VM circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5993 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5993 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5993 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5993 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5993
2
SJD00320AED
PC  Ta
Safe operation area
35
20
15
5
10
25
30
0
040
20
80
60
140
120
100
160
Ambient temperature T
a (°C)
(1)
(2)
(1) TC
= T
a
(2) Without heat sink
Collector-emitter voltage V
CE (V)
0.1
0.01
1
10
1
10
100
1 000
ICP
IC
Non repetitive pulse, TC
= 25°C
t
= 10 ms
t
= 1 s
t
= 1 ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com