Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5526 Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 10Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 11Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 12Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 13Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 14Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
13 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Marking Information
LSC
LSP5526
VYYWWUZ
Part ID
LOGO
V YYWW UZ
Internal Code
Date code
YY
:Year(09=2009,10=2010,11=2011,12=2012...)
WW
:Week(01~53)
Output Voltage
Blank
:ADJ
SOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com