Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0690ATFS Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P0690ATFS
Description  N-Channel High Voltage Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P0690ATFS Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P0690ATFS Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P0690ATFS Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P0690ATFS Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P0690ATFS Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
D-36-5
N-Channel High Voltage Mode
Field Effect Transistor
NIKO-SEM
REV 1.0
P0690ATF:TO-220F
P0690ATFS:TO-220FS
Halogen-Free & Lead-Free
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 3A
2
2.35
Ω
Forward Transconductance
1
gfs
VDS = 10V, ID = 3A
6
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
1610
pF
Output Capacitance
Coss
89
Reverse Transfer Capacitance
Crss
9
Total Gate Charge
2
Qg
VDD = 720V, ID =6A, VGS = 10V
34
nC
Gate-Source Charge
2
Qgs
10.5
Gate-Drain Charge
2
Qgd
11
Turn-On Delay Time
2
td(on)
VDD = 450V, ID =6A, RG= 6Ω
80
nS
Rise Time
2
tr
190
Turn-Off Delay Time
2
td(off)
120
Fall Time
2
tf
130
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
3
IS
6
A
Forward Voltage
1
VSD
IF =6A, VGS = 0V
1.4
V
Reverse Recovery Time
trr
IF =6A, dlF/dt = 100A / S
545
nS
Reverse Recovery Charge
Qrr
3.6
uC
1Pulse test : Pulse Width
 380 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com