Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D112D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D112D
Description  Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D112D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D112D Datasheet HTML 1Page - MicroPower Direct, LLC D112D Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
For 5V, 12V & 24V input models, “W” = 0.24 in (6.0 mm)
For 48V input models, “W” = 0.28 in (7.2 mm)
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external
ceramic capacitor (approx 10 µF) be placed across the output.
3. The 5V, 12V and 24V input units do not require external components
to operate, but the use of an input capacitor (10 µF) may enhance
performance in some applications. An output capacitor (1.0 µF to 10
µF) may be used to reduce ripple. The 48V input models require an
input capacitor of 4.7 uF to 47 uF (dependent upon the application).
4. It is recommended that a fuse be used on the input of a power supply
for protection. See the table above for the correct rating.
Derating Curve
-40
-10
0
5
15
25
35
45
55
65
75
85
95
105
0
20
40
60
80
100
Ambient Temperature
1C
0.02
(0.50)
0.01
(0.25)
0.77 (19.5)
7
6
12
0.08
(2.13)
0.10
(2.54)
0.37
(9.5)
0.12
(3.05)
0.05
(1.25)
Bottom
Side
“W”
0.20
(5.08)
0.02
(0.50)
45
0.02
(0.50)
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
Model
Number
Input
Output 1
Output 2
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
D101D
5
4.5 - 5.5
277
30
5.0
100.0
10.0
5.0
100.0
10.0
72
500
D102D
5
4.5 - 5.5
266
30
5.0
100.0
10.0
3.3
100.0
10.0
71
500
D103D
5
4.5 - 5.5
260
30
5.0
100.0
10.0
12.0
42.0
4.2
77
500
D104D
5
4.5 - 5.5
250
30
12.0
42.0
4.2
12.0
42.0
4.2
80
500
D105D
5
4.5 - 5.5
244
30
5.0
100.0
10.0
15.0
33.0
3.3
82
500
D106D
5
4.5 - 5.5
256
30
15.0
33.0
3.3
15.0
33.0
3.3
78
500
D111D
12
10.8 - 13.2
116
12
5.0
100.0
10.0
5.0
100.0
10.0
72
200
D112D
12
10.8 - 13.2
117
12
5.0
100.0
10.0
3.3
100.0
10.0
71
200
D113D
12
10.8 - 13.2
108
12
5.0
100.0
10.0
12.0
42.0
4.2
77
200
D114D
12
10.8 - 13.2
104
12
12.0
42.0
4.2
12.0
42.0
4.2
80
200
D115D
12
10.8 - 13.2
108
12
5.0
100.0
10.0
15.0
33.0
3.3
77
200
D116D
12
10.8 - 13.2
107
12
15.0
33.0
3.3
15.0
33.0
3.3
78
200
D121D
24
21.6 - 26.4
58
7
5.0
100.0
10.0
5.0
100.0
10.0
72
100
D122D
24
21.6 - 26.4
59
7
5.0
100.0
10.0
3.3
100.0
10.0
71
100
D123D
24
21.6 - 26.4
54
7
5.0
100.0
10.0
12.0
42.0
4.2
77
100
D124D
24
21.6 - 26.4
52
7
12.0
42.0
4.2
12.0
42.0
4.2
80
100
D125D
24
21.6 - 26.4
54
7
5.0
100.0
10.0
15.0
33.0
3.3
77
100
D126D
24
21.6 - 26.4
53
7
15.0
33.0
3.3
15.0
33.0
3.3
78
100
D131D
48
43.2 - 52.8
29
6
5.0
100.0
10.0
5.0
100.0
10.0
72
100
D132D
48
43.2 - 52.8
30
6
5.0
100.0
10.0
3.3
100.0
10.0
71
100
D133D
48
43.2 - 52.8
27
6
5.0
100.0
10.0
12.0
42.0
4.2
77
100
D134D
48
43.2 - 52.8
26
6
12.0
42.0
4.2
12.0
42.0
4.2
80
100
D135D
48
43.2 - 52.8
26
6
5.0
100.0
10.0
15.0
33.0
3.3
82
100
D136D
48
43.2 - 52.8
27
6
15.0
33.0
3.3
15.0
33.0
3.3
78
100
Pin
Function
1+Vin
2-Vin
4
+Vout 1
5
-Vout 1
6
+Vout 2
7
-Vout 2
Output 1
μF Max
Output 2
μF Max
100
100
Capacitive Load
T
1
+V
IN
-V
IN
Input Filter
&
Switching
Transistors
Output
Rectifier
&
Filter
Output
Rectifier
&
Filter
Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com