Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK3288 Datasheet(PDF) 21 Page - Rockchip Electronics Co., Ltd

Part # RK3288
Description  RK3288 are low power, high performance processor for mobile phones
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3288 Datasheet(HTML) 21 Page - Rockchip Electronics Co., Ltd

Back Button RK3288 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 21Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 22Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 23Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 24Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 25Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
RK3288 Datasheet
Rev 2.2
Copyright 2017 @Fuzhou Rockchip Electronics Co., Ltd.
21
6 on-chip I2C controller in RK3288
Multi-master I2C operation
Support 7bits and 10bits address mode
Software programmable clock frequency and transfer rate up to 400Kbit/s in the fast
mode
Serial 8bits oriented and bidirectional data transfers can be made at up to 100Kbit/s
in the standard mode
GPIO
Totally 160 GPIOs
All of GPIOs can be used to generate interrupt to Cortex-A17
GPIO0 can be used to wakeup system from low-power mode
The pull direction(pullup or pulldown) for all of GPIOs are software-programmable
All of GPIOs are always in input direction in default after power-on-reset
The drive strength for all of GPIOs is software-programmable
USB Host2.0
Embedded 2 USB Host2.0 interfaces
USB host (ECHI controller) only supports USB2.0, and USB1.1 (W version).
USB host (DW controller) support USB2.0/USB1.1.
Supports high-speed(480Mbps), full-speed(12Mbps) and low-speed(1.5Mbps) mode
Provides 16 host mode channels
Support periodic out channel in host mode
USB OTG2.0
Compatible with USB OTG2.0 specification
Supports high-speed(480Mbps), full-speed(12Mbps) and low-speed(1.5Mbps) mode
Support up to 9 device mode endpoints in addition to control endpoint 0
Support up to 6 device mode IN endpoints including control endpoint 0
Endpoints 1/3/5/7 can be used only as data IN endpoint
Endpoints 2/4/6 can be used only as data OUT endpoint
Endpoints 8/9 can be used as data OUT and IN endpoint
Provides 9 host mode channels
USIC Interface
Compliant with the USB2.0 Specification and Enhanced Host Controller Interface
Specification 2.0
1 Port USIC PHY Interface Operates in host mode
Built-in one 512x64 bits FIFO
Internal DMA with scatter/gather function
1.2.19 Others
Temperature Sensor(TS-ADC)
3 bipolar-based temperature-sensing cell embedded
3-channel 12-bits SAR ADC
SAR-ADC(Successive Approximation Register)
3-channel single-ended 10-bit SAR analog-to-digital converter
eFuse
Two high-density electrical Fuse is integrated: 256bits (32x8) / 1024bits (32x32)
Support standby mode
Notes :
① : DDR3/LPDDR2/LPDDR3 are not used simultaneously as well as async and sync ddr nand flash
②: In RK3288, Video decoder (except H.265) and encoder are not used simultaneously because of
shared internal buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com