Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX710C Datasheet(PDF) 1 Page - Avia Semiconductor Co., Ltd.

Part # HX710C
Description  24-Bit ADC with Built-in Load-cell Power Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVIA [Avia Semiconductor Co., Ltd.]
Direct Link  http://www.aviaic.com/ENDefault.aspx
Logo AVIA - Avia Semiconductor Co., Ltd.

HX710C Datasheet(HTML) 1 Page - Avia Semiconductor Co., Ltd.

  HX710C Datasheet HTML 1Page - Avia Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HX710C
Information contained in this document is for design reference only and not a guarantee. Avia Semiconductor reserves the right to modify it without notice.
Tel:
(592) 252-9530 (China)
AVIA SEMICONDUCTOR
Email: sales@aviaic.com
www.aviaic.com
24-Bit ADC with Built-in Load-cell Power Switch
DESCRIPTION
Based on Avia Semiconductor’s patented
technology, HX710C is a precision 24-bit analog-
to-digital converter (ADC) with built-in load-cell
power
switch
to
reduce
load-cell
power
consumption when the weigh scale is in sleep
state. It’s designed for weigh scales and industrial
control applications to interface directly with a
bridge sensor.
The input low-noise amplifier (PGA) has a
fixed gain of 128, corresponding to a full-scale
differential input voltage of ±20mV, when a 5V
reference voltage is connected to the VREF pin.
On chip oscillator provides the system clock
without any external component. On-chip power-
on-reset circuitry simplifies digital interface
initialization. There is no programming needed
for the internal registers. All controls to the
HX710C are through the pins.
FEATURES
• On-chip load-cell power switch with typical “on”
resistance less than 1Ω (Vdd=5V)
• On-chip low noise amplifier with a gain of 128
• On-chip oscillator requiring no external
component
• On-chip power-on-reset
• Simple digital control and serial interface:
pin-driven controls, no programming needed
• Selectable 10SPS or 40SPS output data rate
• Simultaneous 50 and 60Hz supply rejection
• Current consumption:
normal operation < 1.2mA, power down < 1uA
• Operation supply voltage range: 2.6 ~ 5.5V
• Operation temperature range: -40 ~ +85℃
• 8 pin SOP-8 package
Charger
Battery
LED
Regulator
LCD
VOUT
VDD
DOUT
PD_SCK
VREF
AGND
INN
INP
Load-cell
0.1u
0.1u
200
200
MCU
HX710C
I/O
I/O
VDD
Fig. 1
Typical weigh scale application circuit using HX710C
1u
1u


Similar Part No. - HX710C

ManufacturerPart #DatasheetDescription
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
More results

Similar Description - HX710C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
3V 16BIT ADC&DAC WITH BUILT-IN PGA
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Analog Devices
AD7798 AD-AD7798 Datasheet
499Kb / 17P
Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
7/13-Rev. A to Rev. B
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
24 Bit Stereo ADC
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
March 15, 2011
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
List of Unclassifed Man...
PCI-9524 ETC2-PCI-9524 Datasheet
266Kb / 2P
24-Bit Precision Load Cell Input Card
logo
Linear Technology
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
24-Bit Power No Latency ADC in SO-8
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
HX712 AVIA-HX712 Datasheet
316Kb / 9P
24-Bit Analog-to-Digital Converter (ADC) with Load-cell Power Supply Switch and Battery Voltage Detection for Weigh Scales
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com