Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4400-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4400-1
Description  RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4400-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4400-1 Datasheet HTML 1Page - Linear Technology LTC4400-1 Datasheet HTML 2Page - Linear Technology LTC4400-1 Datasheet HTML 3Page - Linear Technology LTC4400-1 Datasheet HTML 4Page - Linear Technology LTC4400-1 Datasheet HTML 5Page - Linear Technology LTC4400-1 Datasheet HTML 6Page - Linear Technology LTC4400-1 Datasheet HTML 7Page - Linear Technology LTC4400-1 Datasheet HTML 8Page - Linear Technology LTC4400-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC4400-1/LTC4400-2
sn4400 4400fas
ABSOLUTE
AXI U
RATI GS
VCC to GND .............................................. –0.3V to 6.5V
VPCA/B Voltage to GND ............................ –0.3V to 3.2V
PCTL Voltage to GND ................. – 0.3V to (VCC + 0.3V)
RF Voltage to GND ............................ (VCC – 2.6V) to 7V
BSEL, SHDN Voltage to GND ...... – 0.3V to (VCC + 0.3V)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.6V, SHDN = HI, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
IVPCA/B .................................................................. 10mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Maximum Junction Temperature ........................ 125
°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
(Note 1)
ORDER PART
NUMBER
S6 PART MARKING
LTC4400-1ES6
LTWZ
TJMAX = 125°C, θJA = 230°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
VCC
VPCA
VPCB
GND
8
7
6
5
RF
BSEL
SHDN
PCTL
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ORDER PART
NUMBER
MS8 PART MARKING
LTC4400-2EMS8
LTXB
TJMAX = 125°C, θJA = 250°C/W
RF 1
GND 2
PCTL 3
6 VCC
5 VPCA
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
q
2.7
6
V
IVCC Shutdown Current
SHDN = 0V
q
10
20
µA
IVCC Operating Current
SHDN = HI, IVPCA/B = 0mA
q
1.2
1.9
mA
VPCA/B VOL
RLOAD = 400Ω, Enabled
q
0
0.05
V
VPCA/B Dropout Voltage
ILOAD = 6mA, VCC = 2.7V
q
VCC – 0.25
V
VPCA/B Voltage Clamp
PCTL = 1V
q
2.7
2.9
3.1
V
VPCA/B Output Current
VPCA/B = 2.4V, VCC = 3V
q
710
mA
VPCA/B Enable Time
SHDN = VCC (Note 5)
q
9
10.2
µs
VPCA/B Bandwidth
CLOAD = 100pF, RLOAD = 400Ω (Note 8)
PCTL < 80mV
q
350
450
560
kHz
PCTL > 160mV
230
kHz
VPCA/B Load Capacitance
q
100
pF
VPCA/B Slew Rate
VPCTL = 2V Step, CLOAD = 100pF,
q
1.8
2.5
3
V/
µs
RLOAD = 400Ω (Note 3)
VPCA/B Droop
1
µV/ms
VPCA/B Start Voltage
Open Loop (Note 9)
q
270
450
550
mV
BSEL, SHDN Input Threshold
VCC = 2.7V to 6V
q
0.35
1.4
V
BSEL, SHDN Input Current
BSEL = SHDN = 3.6V
q
16
24
36
µA
PCTL Input Voltage Range
(Note 7)
q
0
2.4
V
PCTL Input Resistance
q
60
90
120
k
Ω
PCTL Input Filter
270
kHz
Autozero Range
(Note 4)
q
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com