Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030K6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32F030K6
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030K6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32F030K6 Datasheet HTML 85Page - STMicroelectronics STM32F030K6 Datasheet HTML 86Page - STMicroelectronics STM32F030K6 Datasheet HTML 87Page - STMicroelectronics STM32F030K6 Datasheet HTML 88Page - STMicroelectronics STM32F030K6 Datasheet HTML 89Page - STMicroelectronics STM32F030K6 Datasheet HTML 90Page - STMicroelectronics STM32F030K6 Datasheet HTML 91Page - STMicroelectronics STM32F030K6 Datasheet HTML 92Page - STMicroelectronics STM32F030K6 Datasheet HTML 93Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
DS9773 Rev 4
91/93
STM32F030x4/x6/x8/xC
Revision history
92
23-Jan-2017
3
– Section 3.11.2: General-purpose timers (TIM3,
TIM14..17) - number of timers
– Table 5: Timer feature comparison - footnotes added
– Table 7: STM32F030x4/x6/x8/xC I2C implementation -
FM+ and footnote
– Figure 4 through Figure 7 - darker highlight on pins
– Table 11: STM32F030x4/6/8/C pin definitions -
corrections
– Table 12: Alternate functions selected through
GPIOA_AFR registers for port A - note order
– Table 14 through Table 16 - corrected footnotes
– Figure 10: STM32F030x4/x6/x8/xC memory map
footnote
– Figure 13: Power supply scheme
– Table 24: Embedded internal reference voltage:
added tSTART, changed VREFINT and tS_vrefint values
and notes
– Table 25: Typical and maximum current consumption
from VDD supply at VDD = 3.6 V footnotes
– Table 26: Typical and maximum current consumption
from the VDDA supply values for STM32F030xC and
footnotes
– Table 34: LSE oscillator characteristics (fLSE = 32.768
kHz) LSEDRV[1:0] values removed (see ref. manual)
– Table 50: ADC characteristics - tSTAB defined relative
to clock frequency; notes 3. and 4. added
– Section 3.14: Universal synchronous/asynchronous
receiver/transmitter (USART) - introduction and
Table 8: STM32F0x0 USART implementation
– Figure 10: STM32F030x4/x6/x8/xC memory map
footnote
– Table 43: ESD absolute maximum ratings - C4 or C3
class, depending on device variant; CDM values
updated to match the referenced standard. (CDM
standard was updated in the previous release, without
duly modifying the related values.)
– Table 53: TS characteristics: removed the min. value
for tSTART and parameter name change
– Figure 19 and Figure 20 improved
– Section 7: Package information name and structure
change
– Section 8: Ordering information renamed from Part
numbering
Table 64. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com