Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030RC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F030RC
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F030RC Datasheet HTML 7Page - STMicroelectronics STM32F030RC Datasheet HTML 8Page - STMicroelectronics STM32F030RC Datasheet HTML 9Page - STMicroelectronics STM32F030RC Datasheet HTML 10Page - STMicroelectronics STM32F030RC Datasheet HTML 11Page - STMicroelectronics STM32F030RC Datasheet HTML 12Page - STMicroelectronics STM32F030RC Datasheet HTML 13Page - STMicroelectronics STM32F030RC Datasheet HTML 14Page - STMicroelectronics STM32F030RC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
DS9773 Rev 4
11/93
STM32F030x4/x6/x8/xC
Description
24
Figure 1. Block diagram
1. TIMER6, TIMER15, SPI, USART2 and I2C2 are available on STM32F030x8/C devices only.
2. USART3, USART4, USART5, USART6 and TIMER7 are available on STM32F030xC devices only.
MSv32137V3
4 channels
3 compl. channels
BRK, ETR input as AF
@ VDD
@ VDDA
System and peripheral
clocks
PA[15:0]
PB[15:0]
PC[15:0]
55 AF
@ VDDA
VDDA
VSSA
SWCLK
SWDIO
as AF
16x
AD input
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
TAMPER-RTC
(ALARM OUT)
HSI14
HSI
LSI
PLLCLK
IR_OUT as AF
1 channel
1 compl, BRK as AF
1 channel
1 compl, BRK as AF
1 channel as AF
4 ch., ETR as AF
GP DMA
5 channels
CORTEX-M0 CPU
fMAX = 48 MHz
Serial Wire
Debug
NVIC
EXT. IT WKUP
SPI1
SPI2
SYSCFG IF
DBGMCU
Window WDG
APB
AHB
CRC
RESET & CLOCK
CONTROL
Power
Controller
XTAL OSC
4-32 MHz
Ind. Window WDG
SRAM
4/8/32 KB
Temp.
sensor
IF
12-bit ADC
RTC
RTC interface
RC 14 MHz
RC 8 MHz
RC 40 kHz
PLL
XTAL32 kHz
Flash GPL
16/32/64/256 KB
32-bit
2 channels
1 compl, BRK as AF
RX, TX,CTS, RTS,
CK, as AF
RX, TX,CTS, RTS,
CK, as AF
RX, TX,CTS, RTS,
CK, as AF
RX, TX,CTS, RTS,
CK, as AF
SCL, SDA, as AF
SCL, SDA, SMBA
(20 mA FM+), as AF
I2C1
I2C2
GPIO port F
GPIO port D
GPIO port C
GPIO port B
GPIO port A
PD2
PF[1:0]
PF[7:4]
SUPPLY
SUPERVISION
POWER
@ VDDA
@ VDD
VDD18
POR
Reset
Int
VDD = 2.4 to 3.6 V
VSS
NRST
VDDA
VSSA
VDD
POR/PDR
VOLT.REG
3.3 V to 1.8 V
USART4
USART3
USART2
USART1
TIMER 17
TIMER 16
TIMER 15
TIMER 14
TIMER 3
PWM TIMER 1
Power domain of analog blocks :
VDD
VDDA
RX, TX,CTS, RTS,
CK, as AF
RX, TX,CTS, RTS,
CK, as AF
USART6
USART5
TIMER 7
TIMER 6
MOSI, MISO,
SCK, NSS,
as AF
MOSI, MISO,
SCK, NSS,
as AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com