Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3773 Datasheet(PDF) 9 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3773
Description  Low-Power off-line / PSR controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3773 Datasheet(HTML) 9 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3773 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LP3773/4/5
低功耗原边反馈控制芯片
封装参数
SOP-7
丝印说明
SOP-7
其中:
指的无锡市芯茂微电子有限公司 Logo;
LP377X:指芯片型号,
X=3 为内置 1.47*1.47mm 三极管;
X=4 为内置 1.18*1.18mm 三极管;
X=5 为内置 0.83*0.83mm 三极管;
XXXXXXXX:指 Wafer ID。
LP377X
XXXXXXXX
无锡市芯茂微电子有限公司
http://www.chip-hope.com
V1.4
- 9 -



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com