Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY8003ADFC Datasheet(PDF) 2 Page - Silergy Corp.

Part # SY8003ADFC
Description  High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY8003ADFC Datasheet(HTML) 2 Page - Silergy Corp.

  SY8003ADFC Datasheet HTML 1Page - Silergy Corp. SY8003ADFC Datasheet HTML 2Page - Silergy Corp. SY8003ADFC Datasheet HTML 3Page - Silergy Corp. SY8003ADFC Datasheet HTML 4Page - Silergy Corp. SY8003ADFC Datasheet HTML 5Page - Silergy Corp. SY8003ADFC Datasheet HTML 6Page - Silergy Corp. SY8003ADFC Datasheet HTML 7Page - Silergy Corp. SY8003ADFC Datasheet HTML 8Page - Silergy Corp. SY8003ADFC Datasheet HTML 9Page - Silergy Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SY8003/SY8003A
Pinout (top view)
FB
1
8
SGND
PG
2
7
EN
PGND
IN
3
6
LX
PGND
4
5
NC
Part Number
Package type
Top Mark①
SY8003DFC
DFN2x2-8
JDxyz
SY8003ADFC
DFN2x2-8
KWxyz
Note① : x=year code, y=week code, z= lot number code.
Pin Name
Pin Number
Pin Description
EN
7
Enable control. Pull high to turn on. Do not float.
PGND
4/Exposed
Power ground pin.
Paddle
SGND
8
Signal ground pin.
LX
6
Inductor pin. Connect this pin to the switching node of inductor.
IN
3
Power input pin. Decouple this pin to GND pin with at least 10µF ceramic cap.
PG
2
Power good indicator(Open drain output). Low if the output < 90% of regulation
voltage or >120% regulation voltage; High otherwise. Connect a pull-up resistor to the
input.
FB
1
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to progr m the output voltage: Vout=0.6*(1+R1/R2).
NC
5
No connection.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage -----------------------------------------------------------------------------------------------
-0.3V to 6.0V
Enable, FB Voltage------------------------------------------------------------------------------------------ - 0.3V to VIN + 0.6V
LX Voltage----------------------------------------------------------------------------------------------------- - 0.3V(*1) to 6V(*2)
Power Dissipation, PD @ TA = 25°C DFN2x2-8 , ------ -------------------------------------------------------------------1W
Package Thermal Resistance (Note 2)
θ JA -----------------------------------------------------------------------------------------------------------------
120°C/W
θ JC ------------------------------------------------------------------------------------------------------------------
8.2°C/W
Junction Temperature Range -----------------------------------------------------------------------------------------------
150°C
Lead Temperature (S ldering, 10 sec.) ------------------------------------------------------------------------------------
260°C
Storage Temperature Range --------------------------------------------------------------------------------------
65°C to 150°C
(*1) LX Voltage tested down to -5V<10ns
(*2) LX Volta e tested up to +7V<50ns
Recommended Operating Conditions (Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------
2.7V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------
- 40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
-40°C to 85°C
AN_SY8003/A Rev. 0.9Silergy Corp. Confidential- Prepared for Customer Use Only
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com