Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2AF Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # G2AF
Description  SURFACE MOUNT SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

G2AF Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  G2AF Datasheet HTML 1Page - MIC GROUP RECTIFIERS G2AF Datasheet HTML 2Page - MIC GROUP RECTIFIERS G2AF Datasheet HTML 3Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
TJ=25 C
1.0
0.1
0.01
1.0
1.5
0.5
Instaneous Forward Voltage (V)
100
TJ=125 C
10
1.0
0.1
TJ=25 C
0.01
0
200
400
600
800
200
TJ=25 C
100
10
1
0.1
10
100
1.0
Reverse Voltage (V)
60
50
40
30
20
10
8.3 ms Single Half Sine Wave
(JEDEC Method)
00
1
10
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com