Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH293APA Datasheet(PDF) 6 Page - Anachip Corp

Part # AH293APA
Description  Low Voltage Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH293APA Datasheet(HTML) 6 Page - Anachip Corp

  AH293APA Datasheet HTML 1Page - Anachip Corp AH293APA Datasheet HTML 2Page - Anachip Corp AH293APA Datasheet HTML 3Page - Anachip Corp AH293APA Datasheet HTML 4Page - Anachip Corp AH293APA Datasheet HTML 5Page - Anachip Corp AH293APA Datasheet HTML 6Page - Anachip Corp AH293APA Datasheet HTML 7Page - Anachip Corp AH293APA Datasheet HTML 8Page - Anachip Corp AH293APA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH293
Low Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.5 Jun 18, 2004
6/9
Marking Information
(1)SIP-5L
293
Part Number
Year:
( Top View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code
Blank : normal
L : Lead Free Package
(2)SOT23-5L
RC:AH293
XX YM X
Date code
Y : Year
M :Month(A~L)
(Top View)
ID code
A~Z: Non-Lead Free
a~z: Lead Free
(3)SOT89-5L
1
2
3
5
4
293 Y M X
M : Month: A~L
Y : Year: 0-9
ID code
A~Z: Non-Lead Free
a~z : Lead Free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com