Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD780C Datasheet(PDF) 12 Page - NEC

Part # PD780C
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780C Datasheet(HTML) 12 Page - NEC

Back Button PD780C Datasheet HTML 8Page - NEC PD780C Datasheet HTML 9Page - NEC PD780C Datasheet HTML 10Page - NEC PD780C Datasheet HTML 11Page - NEC PD780C Datasheet HTML 12Page - NEC PD780C Datasheet HTML 13Page - NEC PD780C Datasheet HTML 14Page - NEC PD780C Datasheet HTML 15Page - NEC PD780C Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
f"
-'-"" Instruction Set
Mnemonic
Operation
AD CHL. 55
HL - HL+ 66 +CV
ADCA, r
A-A+
r +CV
AD C
A, n
A-A+ n+CY
AD C
A, (HL
)
A-A+
(HL
) +CV
AD C
A, (IX+d)
A- A+
(IX+
d) +CV
AD C
A, (I
V +
d)
A-A+
(IV +d) +
CV
ADD A, n
A-A+n
ADD A, r
A
- A+ r
AD
D A, (HL
)
A-A+
(HL
)
ADD A, (I
X+d)
A-A+
(IX+d)
ADD A. (I
V +
d)
A
- A+ (IV +d)
ADD HL, 56
HL- HL+ 66
ADD IX,
pp
IX
- IX+pp
ADD IV, rr
IV - IV +
rr
AN
D r
A- A
II r
AN
D
n
A-A
/I
n
AN
D (HL
)
A-A
II (HL
)
AN
D (IX+d)
A-A
II (I X+d)
AN
D (IV +d)
A-A
/I (I V + d
)
Description
Add
with
carry reg.
pa ir 56
toHL
Add
with
ca rry Reg. r
to
ACC
Add
with carrry
va lue n to
ACC
Add
with car ry loc. (HL
)
to
ACC
Add
with
car ry
lac. (IX+d)
to
ACC
Add
with ca rry
lac. (IV +d)
to
ACC
Add
va lue n toACC
Add
Reg. r
to
ACC
Add loc
ation(HL
)
to
ACC
Add loc
a tion(IX+d)
to
ACC
Add loc
a tion(IV +d)
to
ACC
AddReg.
pa ir 56 toHL
Add
Reg.
pa ir
pp toIX
AddReg.
pa ir
rr
toIV
Logic
a l
'AN
0'
of Reg. r
II ACC
Logical
'A ND'of va lue
n
/I ACC
Logic
al'AN
D '
of
lac. (HL
)
II ACC
Logic
a l
'AN
D '
of
lac. (I
X+d)
/I ACC
Logic
a l
'AN
D '
of
lac. (I
V +d)
II ACC
Operation Code
7 6 5 _ 3 2 1 o
1
o
o
6 5 10
o1
1 (A)
o
o00
r
r
r
(8)
o0
o
nnnnnnnn
000 1 110
11 011101
1000 1 110
d d d d d d d d
111 11101
1 000 1 110
d d d d d d d d
o00
0
n n n n n n n n
o000 r r
r
(8)
o000 1 10
110 1110 1
100001 10
d d d d d d d d
1 11 1
1000
d d d d
1 1 0 1
o110
d d d d
o0 5 6100 1
(A)
110
o0
p p
10
o0
1 (e)
1
11
o0 r
o
11
rI O
o0 r
o0
o
o
1 (D)
1
r
r
(8)
o
nnnnnnnn
o1 00
110111
10 1001
d d d d d d
1 1
11
10100 1
d d d d d d
o
o 1
10
d d
o1
10
d d
No. 01
Clocks
15
4
7
7
19
19
7
4
7
19
19
11
15
15
4
7
7
19
19
No. 01
Bytes
2
3
3
2
3
3
2
2
2
3
3
C
t
*
*
t
Flags
Z
PlY S
v
v
v
v
v
v
v
v
v
v
N
o
o
o
o
o
o
o
o
o
o
*
V
a
H
X
• • •
0
X
t
• • •
0
X
t
• • •
0
X
o
P
0
o
P
0
o
P
o
o
P
o
o
P
o
1::
"
CI
....
CO
o
�(')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com