Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2000 Datasheet(PDF) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # SM2000
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

SM2000 Datasheet(HTML) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

  SM2000 Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. SM2000 Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 2 Forward characteristics ( typical values )
Fig. 1 Rated forward current vs. ambient temperature
NUMBER OF CYCLES AT 60Hz
30
20
10
0
40
1
2
4
10
20
40
100
50
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG. 3
– MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTGE,(%)
0
20
40
60
80
100
120
140
1
4
10
40
100
1000
400
TJ = 100
TJ = 25
uA
℃
℃
RATING AND CHARACTERISTIC CUEVES
SM1200 THRU SM2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com